Part Number Hot Search : 
MAJ17 P800J BYV95B BUK710 KBJ202 C100ELT MDD310 30010
Product Description
Full Text Search
 

To Download ZPD11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
. The zener voltage are gaded accrding to the intermational E24 standard. Over voltage tolerance and higher zener voltage on request
ZPD2.7 THRU ZPD51
0.5W SILICON PLANAR ZENER DIODES
MECHANICAL DATA
. Case: DO-35 glass case . Polarity: Color band denotes cathode end .weight: Approx. 0.13 gram
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25
Symbols Zener current see table "Characteristics" Power dissipation at TA=25 Junction temperature Storage temperature range Value
)
Units
Ptot TJ TSTG
500
175
1)
mW
-55 to +175
1)Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRCAL CHARACTERISTICS(TA=25
Symbols Thermal resistance junction to ambient
)
Min Typ Max 300
1)
Units K/W
R
JA
1) Valid provided that a distance at 8mm from case are kept at ambient temperature
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3
CE
CHENYI ELECTRONICS
ZPD2.7 THRU ZPD51
0.5W SILICON PLANAR ZENER DIODES
ZDP2.7 THRU ZPD51 SILICON PLANAR ZENER DIODES
Zener Voltage range
1)
Dynamic resistance
Temp. Coeff.
Reverse Voltage at I=100nA Min.
Admissible Zener Current of Tamb= 45
of Zener Volt
Type
Vznom
IZT for VZT
2)
rZjt and rZjk at IZK
at
Tamb=
25
IZ=5mA
v ZPD2.7 ZPD3 ZPD3.3 ZPD3.6 ZPD3.9 ZPD4.3 ZPD4.7 ZPD5.1 ZPD5.6 ZPD6.2 ZPD6.8 ZPD7.5 ZPD8.2 ZPD9.1 ZPD10 ZPD11 ZPD12 ZPD13 ZPD15 ZPD16 ZPD18 ZPD20 ZPD22 ZPD24 ZPD27 ZPD30 ZPD33 ZPD36 ZPD39 ZPD43 ZPD47 ZPD51 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 5 mA V 2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4.0...4.6 4.4...5.0 4.8...5.4 5.2...6.0 5.8...6.6 6.4...7.2 7.0...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 37...41 40...46 44...50 48...54 <90 <90 <100 <100 <100 <300 <700 <750 <750 <80 <250 <78 <60 <40 <10 <8 <7 <7 <10 <15 <20 <20 <25 <30 <40 <50 <50 <55 <220 <70 <70 <90 <110 <110 <170 <170 1 <50 <480 <400 <200 <150 <95 <500 <83 <50 mA
VZ
10 /K
-4
VR(V)
IZmA
135 117 109 101 92 85 76
IZmA
160 140 130 120 110 100 90 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8
-9...-4 -9...-3 -8...-3 -8...-3 -7...-3 -6...-1 -5...+2 -3...+4 -2...+6 -1...+7 +2...+7 +3...+7 +4...+7 +5...+8 +5...+8 +5...+9 +6...+9 +7...+9 +7...+9 +8...+9.5 +8...+9.5 +8...+10 +8...+10 +8...+10 +8...+10 +8...+10 +8...+10 +8...+10 +10...+12 +10...+12 +10...+12 +10...+12 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 13 15 16 18 20 22.5 25 27 29 32 35 38
67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8 7 6 6
NOTE 1)TESTED WITH PULSE Tp=20mS 2) Valid provided that electrodes are kept ambient temperature at a distance of 8mm from case
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 3
CE
CHENYI ELECTRONICS
ZPD2.7 THRU ZPD51
0.5W SILICON PLANAR ZENER DIODES
ZPD2.7 THRU ZPD51 SILICON PLANAR POWER ZENER DIODES
BREAKDOWN CHARACTERISITICS AT TJ=CONSTANT(PULSED)
BREAKDOWN CHARACTERISITICS AT TJ=CONSTANT(PULSED)
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of ZPD11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X